smd coil former with gullwing terminals material: gfr liquid crystal polymer (ul 94 v-0, insulation class to iec 60085: f max. operating temperature 155 c), color code black solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 350 c, 1 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 c, 3,5 s permissible soldering temperature for wire-wrap connection on coil former: 400 c,1 s clamp without ground terminal, made of stainless spring steel, 0,335 mm thick also available as strip clamp (each carton containing 2 reels) on request coil former clamp sections a n mm 2 l n mm a r value ? terminals ordering code 1 11,1 25 77 8 b65822-f1008-t1 2 10,2 25 85 8 b65822-f1008-t2 frm0025-g 9,3 8,3+0,15 0,55 0,15 _ 0,15 0,55 _ 2,10,1 5+0,15 0,40,05 0,3 0,6 3,81 3 x 3,81 = 11,43 6 20,3 2,5 3,81 11,43 1,2 recommended pcb layout 0,550,05 1 section 2 sections 8,90,2 1 2 3 45 6 7 8 0,40,05 1 2 3 4 8 7 6 5 0,2 10,1 _ 6 0,15 _ 2 0,25 13,4 _ 19 0,2 _ 0,2 6,2 _ 0,2 14,2 _
|